Part Number Hot Search : 
CXA13 30LT1 LC7535 HD29051 AT24C128 0E7MXXX 48D12 CXA13
Product Description
Full Text Search
 

To Download DI-503B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dionics, inc. phone: (516) 997 - 7474 65 rushmore street fax: (516) 997 - 7479 westbury, ny 11590 website: www.dionics - usa.com level - shifted vacuum fluorescent display dr ivers di - 503b di - 504b di - 509b di - 508b di - 514b di - 513b general description: the dionics di - 513b and di - 514b series circuits are designed for interfacing between mos or ttl circuitry and vacuum fluorescent display panels. each section of these devices consists of a switched constant current level shifter - capable of 50 volt or 80 volt - operation and a pnp - npn driver transistor pair. the constant current operation of the level shifter stage results in low power dissipation. input circuitry is suitable for open drain pmos, cmos, open - collector or standard ttl. features: 50v and 80v level shift capability. mos and ttl compatibility 4 - , 6 - and 8 - line versions segment and digit drivers low power dissipation reliable dielectric isolation proc ess package layout: 0.760 max. 0.185 0.250 0.070 dionics inc DI-503B 0.020 0.025 in3 in1 out4 gnd 7 5 13 nc 9 4 out3 3 v + nc nc 6 12 out2 14 DI-503B and di-504b nc in2 10 8 11 in4 2 1 out1 0.250 0.185 0.070 0.020 0.800 0.025 dionics inc di-509b gnd v + 11 7 9 out 16 15 in in in 14 4 di-508b and di-509b nc out out in 3 8 10 13 out in in 12 out 5 out 2 6 nc 1 0.025 0.250 0.070 dionics inc di-514b 0.900 0.020 0.185 12 5 out in 7 out 17 1 out 11 di-513b and di-514b 2 9 out gnd 6 in in out 10 16 in in in out in out v + 13 3 14 8 in 4 18 out 15 01/2002 v+ circuit schematic (each section) output input
absolute maximum rating (ta = 25 0 c) characteristic symbol notes limits units di - 509b di - 508b di - 514b di - 513b di - 504b di - 503b supply voltage v + measured with respect t o gnd 50 80 v input voltage v in measured with respect to gnd 35 35 v output voltage v out measured with respect to v + terminal 50 80 v output current i out 30 30 ma power dissipation: p d derate at di - 514b; di - 513b: 8 mw/ 0 c derate at di - 50 9b; di - 508b: 6 mw/ 0 c above 25 0 c ambient 600 600 mw storage temperature t s - 55 to 125 0 c operating temperature t o 0 to 70 0 c electrical characteristics (ta = 25 0 c) parameter symbol notes conditions typ. max. units output saturation voltage di - 504b v out (sat) v + = 180v (di - 500b); v+ = 100v (di - 502b); measured with respect to v+ terminal. i o = 10ma; v i = 2.4v 1.5 3 v output leakage current * di - 509b; di - 514b. * di - 508b; di - 513b; di - 503b. i out (o ff) v+ = 50v v+ = 80v v o = 50v; v i = 0.4v v o = 80v; v i = 0.4v 0.1 10 a input current i in (on) v i = 2.4v 250 400 a supply current i+ one input at 2.4v; others at 0.4v. v i = 2.4 v; i o = 0 v+ = 50v 0.8 1.2 ma typical application: f d d5 8 18 e d8 1 11 d 8 4 6 10 15 d4 12 c 9 14 9 dionics inc. di-514 +35v d2 13 b b d7 13 4 16 14 a 1 7 d6 (8) 47k a 16 8 6 3 15 7 f 11 18 6 dionics inc. di-514 e 1 12 +5v g 5 5 dec 4 7 3 10 d1 2 2 dec display control logic 3 2 c 17 d3 g 5 17 (8) 47k vi vo v + simplified test circuit vs - - + + + - gnd io


▲Up To Search▲   

 
Price & Availability of DI-503B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X